PART |
Description |
Maker |
CY14B104LA-ZS25XIT CY14B104NA-BA20XI CY14B104NA-BA |
4 Mbit (512K x 8/256K x 16) nvSRAM; Organization: 512Kb x 8; Vcc (V): 2.7 to 3.6 V; Density: 4 Mb; Package: TSOP 512K X 8 NON-VOLATILE SRAM, 25 ns, PDSO44 4 Mbit (512K x 8/256K x 16) nvSRAM; Organization: 256Kb x 16; Vcc (V): 2.7 to 3.6 V; Density: 4 Mb; Package: FBGA
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
CAT34WC02W-TE13 CAT34WC02Y-TE13 CAT34WC02Y-1.8TE13 |
MoBL® 2-Mbit (256K x 8) Static RAM MoBL® 8-Mbit (512K x 16) Static RAM MoBL2 4-Mb (256K x 16) Static RAM MoBL® 4-Mbit (256K x 16) Static RAM 5V, 3.3V, ISR High-Performance CPLDs Licorice Board (CY22150 Candy Board) EEPROM MoBL® 4-Mbit (512K x 8) Static RAM EEPROM MoBL2™ 4-Mb (256K x 16) Static RAM EEPROM MoBL® 2-Mbit (128K x 16) Static RAM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
Bourns, Inc. 3M Company
|
MBM29LV400T MBM29LV400B |
CMOS 4M (512K ×8/256K×16) Falsh Memory(512K ×8/256K×16V 电源电压闪速存储器) 的CMOS 4分(12k × 8/256K × 16Falsh存储器(12k × 8/256K × 16位单5V的电源电压闪速存储器
|
Fujitsu Limited Fujitsu, Ltd.
|
CY7C1356DV25-250BZC CY7C1356DV25-250BZI CY7C1356DV |
256K X 36 ZBT SRAM, 3.2 ns, PBGA119 9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
|
CYPRESS SEMICONDUCTOR CORP
|
CY14B104L-BA15XI CY14B104L-BA15XIT CY14B104L-BA25X |
4-Mbit (512K x 8/256K x 16) nvSRAM
|
Cypress Semiconductor http://
|
CY14E104L-BA45XCT CY14E104N-BA45XCT CY14E104L-ZS25 |
4 Mbit (512K x 8/256K x 16) nvSRAM
|
http:// Cypress Semiconductor
|
CY14B104LA-ZS20XI CY14B104LA-BA45XC CY14B104NA-BA4 |
4 Mbit (512K x 8/256K x 16) nvSRAM
|
http:// Cypress Semiconductor
|
E28F004BX-B80 E28F004BX-B60 E28F004BX-T120 28F400B |
4-MBIT (256K X 16. 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY 4兆位56 × 16。为512k × 8)启动块闪存系列 OSC 5V SMT PLAS 14X9 CMOS LENS, ROUND, RED; Colour:Red; Diameter, external:29mm RoHS Compliant: Yes Series RR3130 round rocker switches have an ergonomic euro design and panel mounting ACTUATOR, SWITCH, ROUND, MOMENTARY; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:1000000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes Evaluation Kit for the MAX5944 Series RR3112 round rocker switches have an ergonomic feel and multiple circuit options 4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16/ 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Electronic Theatre Controls, Inc. PROM Intel Corp. Intel Corporation
|
CY7C1362C-166AJXC CY7C1362C-166AJXI CY7C1362C-166A |
9-Mbit (256K x 36/512K x 18) Pipelined SRAM
|
Cypress Semiconductor
|
CY7C1360C06 |
9-Mbit (256K x 36/512K x 18) Pipelined SRAM
|
Cypress Semiconductor
|
CY7C1363C-100AJXC CY7C1363C-100AJXI CY7C1363C-100A |
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
|
Cypress Semiconductor
|
CY7C1461AV33-100AXC CY7C1463AV33-100AXC CY7C1461AV |
36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL垄芒 Architecture 36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL Architecture(带NoBL结构6-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM) 36兆位米x 36 / 2 M中的x 18/512K × 72)流体系结构,通过与总线延迟(带总线延迟结构的的36 - Mbit通过的SRAM100万x 36 / 2 M中的x 18/512K × 72)流的SRAM
|
Cypress Semiconductor Corp.
|